Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF20UP60DN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FFPF20UP60DN
Description  20A, 600V Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP60DN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FFPF20UP60DN Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP60DN Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP60DN Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP60DN Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FFPF20UP60DN Rev. A
www.fairchildsemi.com
5
tm
TRADEMARKS
The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and
is not intended to be an exhaustive list of all such trademarks.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF
THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE
UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF
FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE
PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1.
Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in a significant injury to the user.
2.
A critical component in any component of a life support,
device, or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx®
Build it Now™
CorePLUS™
CROSSVOLT™
CTL™
Current Transfer Logic™
EcoSPARK®
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FPS™
FRFET®
Global Power ResourceSM
Green FPS™
Green FPS™ e-Series™
GTO™
i-Lo™
IntelliMAX™
ISOPLANAR™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MillerDrive™
Motion-SPM™
OPTOLOGIC®
OPTOPLANAR®
®
PDP-SPM™
Power220®
Power247®
POWEREDGE®
Power-SPM™
PowerTrench®
Programmable Active Droop™
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
The Power Franchise®
TinyBoost™
TinyBuck™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
µSerDes™
UHC®
UniFET™
VCX™
®
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for product
development. Specifications may change in any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be pub-
lished at a later date. Fairchild Semiconductor reserves the right to make
changes at any time without notice to improve design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild Semiconductor reserves
the right to make changes at any time without notice to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontin-
ued by Fairchild Semiconductor. The datasheet is printed for reference infor-
mation only.
Rev. I31


Similar Part No. - FFPF20UP60DN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
122Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DN THINKISEMI-FFPF20UP20DN Datasheet
3Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DNTU THINKISEMI-FFPF20UP20DNTU Datasheet
4Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
More results

Similar Description - FFPF20UP60DN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HCI KODENSHI-SF20A600HCI Datasheet
267Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Fairchild Semiconductor
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
   15A, 600V Ultrafast Rectifier
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
   5A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
   80A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
   30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com