Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP300D060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PP300D060
Description  POW-R-PAK 300A / 600V Half Bridge IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP300D060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PP300D060 Datasheet HTML 1Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 2Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 3Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 4Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 5Page - Powerex Power Semiconductors PP300D060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TENTATIVE
PP300D060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
300A / 600V
Half Bridge IGBT Assembly
PP300D060(-)
- 3 -
Gate Drive Board Electrical Characteristics
Characteristics
Min
Typ
Max
Units
Unregulated +24V Power Supply
20
24
30
Volts
Regulated +15V Power Supply
14.4
15
18
Volts
PWM Input On Threshold
12
15
Volts
PWM Input Off Threshold
0
2
Volts
Output Overcurrent Trip
450
Amperes
Overtemperature Trip
96
98
100
°C
Overvoltage Trip
460
Volts
DC Link Voltage Feedback
See Figure Below
Volts
Heatsink Temperature Feedback
See Figure Below
Volts
Output Current Feedback
See Figure Below
Volts
Thermal and Mechanical Characteristics
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
IGBT Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT ½ module
-
0.23
0.35
°C/W
FWD Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWD ½ module
0.70
°C/W
Contact Thermal Resistance
Rth(c-f)
-
0.055
-
°C/W
Heatsink Thermal Resistance
Rth(f-a)
1500 LFM airflow
0.040
°C/W
Mounting Torque, AC terminals
75
90
in-lb
Mounting Torque, DC terminals
130
150
in-lb
Mounting Torque, Mounting plate
130
150
in-lb
Weight
21
lb
Heatsink Temperature Feedback
0
20
40
60
80
100
120
0
1234567
89
10
Feedback Voltage (Volts)
DC Link Feedback
0
100
200
300
400
500
0
1234567
89
10
Feedback Voltage (Volts)
Output Current Feedback
0
100
200
300
400
500
600
700
800
0
1
234567
89
10
Feedback Voltage (Volts)


Similar Part No. - PP300D060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP300D120 POWEREX-PP300D120 Datasheet
363Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
More results

Similar Description - PP300D060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP300T060 POWEREX-PP300T060 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
PP300D120 POWEREX-PP300D120 Datasheet
363Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
PP300B060 POWEREX-PP300B060 Datasheet
361Kb / 6P
   POW-R-PAK 300A / 600V H-Bridge IGBT Assembly
PP900D060 POWEREX-PP900D060 Datasheet
365Kb / 6P
   POW-R-PAK 900A / 600V Half Bridge IGBT Assembly
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
   POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
PP1200D060 POWEREX-PP1200D060 Datasheet
365Kb / 6P
   POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly
PP450D060 POWEREX-PP450D060 Datasheet
363Kb / 6P
   POW-R-PAK 450A / 600V Half Bridge IGBT Assembly
PP300B120 POWEREX-PP300B120 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V H-Bridge IGBT Assembly
PP900D120 POWEREX-PP900D120 Datasheet
366Kb / 6P
   POW-R-PAK 900A / 1200V Half Bridge IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com