Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA10C-048L-020S Datasheet(PDF) 6 Page - Astec America, Inc

Part # AA10C-048L-020S
Description  36 Vdc to 75 Vdc Inputs, 10 W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C-048L-020S Datasheet(HTML) 6 Page - Astec America, Inc

Back Button AA10C-048L-020S Datasheet HTML 2Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 3Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 4Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 5Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 6Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 7Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 8Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 9Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
6 of 12
Characteristic Curves
Figure 1. Typical Input Current vs Input Voltage.
Figure 2. 015S Efficiency vs Load Current.
Figure 3. 020S Efficiency vs Load Current.
Figure 4. 033S Efficiency vs Load Current.
Figure 5. 050S Efficiency vs Load Current.
Figure 6. 120S Efficiency vs Load Current.
Figure 7. 150S Efficiency vs Load Current.
AA10C-048L-050S
Input Characteristics (Worst Case)
Tc = 25 C, Iout = 2A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
Vin (Volts)
AA10C-048L-050S
Efficiency vs Output Current
Tc = Tc,max
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
AA10C-048L-033S
Efficiency vs Output Current
Tc = Tc,max
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
0.24
0.48
0.73
0.97
1.21
1.45
1.69
1.94
2.18
2.42
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc


Similar Part No. - AA10C-048L-020S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
1Mb / 2P
   10/15 Watts
More results

Similar Description - AA10C-048L-020S

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com