Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA10C Datasheet(PDF) 7 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 7 Page - Astec America, Inc

Back Button AA10C_07 Datasheet HTML 3Page - Astec America, Inc AA10C_07 Datasheet HTML 4Page - Astec America, Inc AA10C_07 Datasheet HTML 5Page - Astec America, Inc AA10C_07 Datasheet HTML 6Page - Astec America, Inc AA10C_07 Datasheet HTML 7Page - Astec America, Inc AA10C_07 Datasheet HTML 8Page - Astec America, Inc AA10C_07 Datasheet HTML 9Page - Astec America, Inc AA10C_07 Datasheet HTML 10Page - Astec America, Inc AA10C_07 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
7 of 12
Characteristic Curves (continued)
Figure 8. Typical Output Voltage Startup
Figure 9. Typical Output Ripple
Vi = Vi,nom, Io = Io,max.
Vi = Vi,nom, Io = Io,max.
Normalized Output Voltage
Time (100 us/div)
Time (100 us/div)
Figure 10. Typical Dynamic Response
Figure 11. Typical Dynamic Response
Step Load Change from 50% to 75% Io,max
Step Load Change from 50% to 25% Io,max
Test Configurations
Note: Measure input reflected-ripple current with a simulated source inductance (Ltest) of 12 uH. Capacitor
Cs offsets possible battery impedance. Measure current as shown above.
Figure 12. Input Reflected-ripple Test Setup.
BATTERY
Cs 220 uF
ESR < 0.1 OHM
@ 20 ºC, 100 kHz
Ltest
12 uH
33 uF
ESR < 0.7 OHM
@ 20 ºC, 100 kHz
Vi(+)
Vi(-)
TO OSCILLOSCOPE


Similar Part No. - AA10C_07

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
1Mb / 2P
   10/15 Watts
More results

Similar Description - AA10C_07

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com