Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP523-4 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP523-4
Description  GaAs Ired & Photo−Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523-4 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP523-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP523-4 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 1 mA
55
V
VCE = 24 V
10
200
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
0.5
10
μA
Capacitance collector
to emitter
CCE
V = 0, f = 1 MHz
10
pF
Current transfer ratio
IC / IF
IF = 1 mA, VCE = 1 V
500
2000
%
Collector
−emitter
saturation voltage
VCE(sat)
IC = 50 mA, IF = 10 mA
1
V
Capacitance input
to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
5×10
10
10
14
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
−on time
tON
3
μs
Turn
−off time
tOFF
VCC = 10 V, RL = 180 Ω
IF = 16 mA
80
μs
Switching Time Test Circuit
VCC
VCE
IF
RL
IF
IF
VCE
tON
9V
1V
tOFF


Similar Part No. - TLP523-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523-4 TOSHIBA-TLP523-4 Datasheet
251Kb / 7P
   programmable controllers dc-output module solid state relay
TLP523-4 TOSHIBA-TLP523-4 Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
More results

Similar Description - TLP523-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
   GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
   GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com