Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP531 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP531
Description  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP531 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP531 Datasheet HTML 1Page - Toshiba Semiconductor TLP531 Datasheet HTML 2Page - Toshiba Semiconductor TLP531 Datasheet HTML 3Page - Toshiba Semiconductor TLP531 Datasheet HTML 4Page - Toshiba Semiconductor TLP531 Datasheet HTML 5Page - Toshiba Semiconductor TLP531 Datasheet HTML 6Page - Toshiba Semiconductor TLP531 Datasheet HTML 7Page - Toshiba Semiconductor TLP531 Datasheet HTML 8Page - Toshiba Semiconductor TLP531 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP531,TLP532
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance
(input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V, R.H.≤ 60%
5
× 1010
10
14
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
tON
3
Turn
−off time
tOFF
VCC = 10V
IC = 2mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
ts
15
Turn
−off time
tOFF
RL = 1.9kΩ
(Fig.1)
RBE = open
VCC = 5V, IF = 16mA
25
μs
Turn
−on time
tON
2
Storage time
ts
12
Turn
−off time
tOFF
RL = 1.9Ω
(Fig.1)
RBE = 220kΩ (TLP531)
VCC = 5V, IF = 16mA
20
μs
Fig. 1
Switching time test circuit


Similar Part No. - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
   Programmable Controllers AC / DC-Input Module Solid State Relay
More results

Similar Description - TLP531

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com