Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K106TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K106TU
Description  Silicon N Channel MOS Type High-Speed Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K106TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K106TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3K106TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSM3K106TU
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K106TU
High-Speed Switching Applications
• 4 V drive
• Low ON-resistance:
Ron = 530 mΩ (max) (@VGS = 4 V)
Ron = 310 mΩ (max) (@VGS = 10 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGSS
± 20
V
DC
ID
1.2
Drain current
Pulse
IDP
2.4
A
PD (Note 1)
800
Drain power dissipation
PD (Note 2)
500
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note 1: Mounted on a ceramic board.
(25.4 mm
× 25.4 mm × 0.8 mm, Cu Pad: 645 mm2 )
Note 2: Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2 )
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Drain-source breakdown voltage
V (BR) DSS
ID = 1 mA, VGS = 0
20
V
Drain cutoff current
IDSS
VDS = 20 V, VGS = 0
1
μA
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0
±1
μA
Gate threshold voltage
Vth
VDS = 5 V, ID = 0.1 mA
1.1
2.3
V
Forward transfer admittance
⏐Yfs
VDS = 5 V, ID = 0.6 A
(Note 3)
0.58
1.16
S
ID = 0.6 A, VGS = 10 V
(Note 3)
230
310
Drain-source ON-resistance
RDS (ON)
ID = 0.6 A, VGS = 4 V
(Note 3)
390
530
m
Ω
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
36
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
30
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
10
pF
Turn-on time
ton
21
Switching time
Turn-off time
toff
VDD = 10 V, ID = 0.6 A,
VGS = 0~4 V, RG = 10 Ω
8
ns
Drain-source forward voltage
VDSF
ID = −1.2 A, VGS = 0 V
(Note 3)
−1.0
1.4
V
Note 3: Pulse test
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2U1A
Weight: 6.6 mg (typ.)
1: Gate
2: Source
3: Drain
1.7±0.1
2.1±0.1
1
2
3
UFM


Similar Part No. - SSM3K106TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K106TU TOSHIBA-SSM3K106TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM3K106TU TOSHIBA-SSM3K106TU_14 Datasheet
186Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results

Similar Description - SSM3K106TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K105TU TOSHIBA-SSM3K105TU Datasheet
471Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK1062 TOSHIBA-2SK1062_07 Datasheet
586Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16TE TOSHIBA-SSM3K16TE_07 Datasheet
147Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K101TU TOSHIBA-SSM3K101TU Datasheet
145Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com