Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP558 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP558
Description  Microprocessor System Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP558 Datasheet HTML 1Page - Toshiba Semiconductor TLP558 Datasheet HTML 2Page - Toshiba Semiconductor TLP558 Datasheet HTML 3Page - Toshiba Semiconductor TLP558 Datasheet HTML 4Page - Toshiba Semiconductor TLP558 Datasheet HTML 5Page - Toshiba Semiconductor TLP558 Datasheet HTML 6Page - Toshiba Semiconductor TLP558 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP558
2007-10-01
6
Test Circuit 2: tpHZ, tpZH, tpLZ And tpZL
Test Circuit 3: Common Mode Transient Immunity
VOL
0.5V
Input VE
0V
tpLZ
VOH
tpZL
S1 and S2
Closed
1.3V
Output
VO
IF = IF (ON)
S1 Closed
S2 Open
Output VO
IF = 0mA
S1 Open
S2 Closed
tpHZ
0.5V
1.3V
0V
S1 and S2
Closed
1.3V
3V
1.5V
tpZH
VCC
D1~D4
D2
: 1S1588
CL
D3
VCC
GND
Monitor
CL is approximately 15pF which includes
probe and stray wiring capacitance.
D1
D4
5V
6
4
1
5
7
IF
VO
8
2
Pulse
generator
ZO=50Ω
tr = tf = 5ns
3
VE
S2
S1
90%
CMH=
VCM 10%
0V
tr
50V
VOH
Output VOH
Switch at A : IF=0mA
VOL
Switch at B : IF=1.6mA
VO (MIN.)*
VO(MAX.)*
* Note 8
tf
, CML=
45(V)
tf(μs)
45(V)
tf(μs)
VCC
VCM
VCC
GND
Monitor
Pulse generator
ZO =50Ω
4
1
5
7
IF
VO
8
2
3
VFF
6
+
B
A


Similar Part No. - TLP558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
More results

Similar Description - TLP558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
   System ACE Microprocessor Interface
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com