Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP570 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP570
Description  Programmable Controllers AC / DC−Input Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP570 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP570_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP570_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP570,TLP571
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
70
mA
Forward current derating (Ta ≥ 25°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
35
V
Collector
−base voltage (TLP571)
VCBO
80
V
Emitter
−collector voltage
VECO
7
V
Emitter
−base voltage (TLP571)
VEBO
7
V
Collector current
IC
150
mA
Power dissipation
PC
150
mW
Power dissipation derating (Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature (10s)
Tsold
260
°C
Total package power dissipation
PT
250
mW
Total package power dissipation derating (Ta ≥ 25°C)
ΔPT / °C
−2.5
mW / °C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal: Pins1, 2 and 3 shorted together and pins 4, 5 and 6 shorted together.
Recommends Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
50
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn