Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP572-07 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP572-07
Description  Programmable Controllers AC/DC-Input Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP572-07 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP572-07 Datasheet HTML 1Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 2Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 3Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 4Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 5Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 6Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 7Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 8Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP572
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Collector-emitter
breakdown voltage
V(BR)CEO
IC = 1 mA
55
V
Emitter-collector
breakdown voltage
V(BR)ECO
IE = 0.1 mA
0.3
V
VCE = 24 V
10
200
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
0.5
10
μA
Detector
Capacitance
(collector to emitter)
CCE
V
= 0, f = 1 MHz
10
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Current transfer ratio
IC/IF
IF = 1 mA, VCE = 1.2 V
1000
2000
%
Collector-emitter saturation voltage
VCE(sat)
IC = 100 mA, IF = 10 mA
0.3
1.2
V
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
×
10
10
10
14
Ω
AC isolation voltage
BVS
AC, 1 minute
2500
Vrms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn