Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP572-07 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP572-07
Description  Programmable Controllers AC/DC-Input Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP572-07 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP572-07 Datasheet HTML 1Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 2Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 3Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 4Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 5Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 6Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 7Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 8Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP572
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta
≥ 53°C)
IF/°C
−0.7
mA/°C
Peak forward current
(100
μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Collector-emitter voltage
VCEO
55
V
Emitter-collector voltage
VECO
0.3
V
Collector current
IC
150/
−10
mA
Power dissipation
PC
150
mW
Power dissipation derating
(Ta
≥ 25°C)
PC/°C
−1.5
mW/°C
Detector
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−30 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Total package power dissipation
PT
200
mW
Total package power dissipation derating
(Ta
≥ 25°C)
PD/°C
−2.6
mW/°C
Isolation voltage (AC, 1 min., R.H.
≤ 60%)
(Note)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note: Device considered a two terminal device: Pins 1, 2 and 3 shorted together and pins 4, 5 and 6 shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
12
24
V
Forward current
IF
25
mA
Collector current
IC
40
mA
Operating temperature
Topr
−30
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn