Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP572-07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP572-07
Description  Programmable Controllers AC/DC-Input Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP572-07 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP572-07 Datasheet HTML 1Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 2Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 3Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 4Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 5Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 6Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 7Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 8Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP572
2007-10-01
1
TOSHIBA Photocoupler IRED & Photo-Transistor
TLP572
Programmable Controllers
AC/DC-Input Module
Solid State Relay
The TOSHIBA TLP572 consists of a darlington connected
photo-transistor optically coupled to a gallium arsenide infrared emitting
diode in a six lead plastic DIP package.
TLP572 is no-base internal connection for high-EMI environments.
• Collector-emitter voltage: 55 V (min)
• Current transfer ratio: 1000% (min)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Pin Configurations (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1: Anode
2: Cathode
3: N.C.
4: Emitter
5: Collector
6: N.C.
1
3
6
4
5
2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn