Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP572-07 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP572-07
Description  Programmable Controllers AC/DC-Input Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP572-07 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP572-07 Datasheet HTML 1Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 2Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 3Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 4Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 5Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 6Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 7Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 8Page - Toshiba Semiconductor TLP572-07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP572
2007-10-01
4
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
μs
Fall time
tf
μs
Turn-on time
ton
μs
Turn-off time
toff
RL = 100 Ω
VCC = 10 V, IC = 10 mA
μs
Turn-on time
tON
3
μs
Storage time
ts
μs
Turn-off time
tOFF
RL = 180 Ω (Figure 1)
VCC = 10 V, IF = 10 mA
30
μs
Figure 1 Switching Time Test Circuit
RL
VCC
VCE
IF
VCE
IF
tON
tOFF
9 V
1 V
ts
VCC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn