Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP590B Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP590B
Description  Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP590B Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP590B_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP590B_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP590B_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP590B_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP590B_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP590B
2002-09-25
4
IO – VO
Output voltage VO (V)
40
10
20
8
6
2
4
0
−60
0
−20
−40
Ta = 25°C
10mA
15mA
20mA
5mA
IF = 0mA
25mA
10
8
6
4
2
0
1
3
10
30
100
5
50
Forward current IF (mA)
VOC – IF
RSH open
RSH=2.4MΩ
1MΩ
510kΩ
300kΩ
Ta = 25°C
VOC – Ta
Ambient temperature Ta (℃)
10
100
8
120
80
60
20
40
0
−20
0
6
4
2
IF = 10mA
12
ISC – IF
Forward current IF (mA)
100
0.1
50
5
3
10
1
30
1
3
10
30
100
550
0.5
0.3
Ta = 25°C
ISC – Ta
Ambient temperature Ta (℃)
20
100
16
120
80
60
20
40
0
−20
0
12
8
4
IF = 10mA
24
tON , tOFF – CL
Load capacitance CL (pF)
10
4
3000
10
3
10
2
300
100
0.03
30
10
0.1
1
0.3
3
0.01
RSH=2.4MΩ
1MΩ
510kΩ
300kΩ
t
OFF
t
ON
Ta = 25°C
IF = 20mA
IF=20mA
tOFF
tON
VOUT
1V
5V
0V
IF
VOUT
CL
RSH
300kΩ
510kΩ
1MΩ
2.4MΩ


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn