Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP591B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP591B
Description  Telecommunication Programmable Controllers MOS Gate Driver MOS FET Gate Driver
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP591B_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP591B_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP591B_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP591B_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP591B
2002-09-25
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Forward current
IF
20
25
mA
Operating temperature
Topr
−25
85
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
60
pF
Forward voltage
VFD
IFD = 10 μA
7
V
Reverse current
IRD
VRD = 10 V
7
μA
Capacitance
(anode to cachode)
CTD
V = 0, f = 1 MHz
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Open voltage
VOC
IF = 20 mA
7
8
V
Short Current
ISC
IF = 20 mA
24
40
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
−on time
ton
0.2
ms
Turn
−off time
toff
IF = 20 mA, CL = 1000pF
(Fig. 1)
3
ms
Fig. 1 Switching time test circuit
IF
tOFF
tON
vOUT
1V
5V
0V
vOUT
CL
IF


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn