Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K101TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K101TU
Description  Silicon N Channel MOS Type High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K101TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K101TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K101TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K101TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K101TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K101TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K101TU
2007-11-01
4
|Yfs| - ID
0.1
1.0
10.0
0.01
0.1
1
10
Drain current ID (A)
Common Source
VDS=3V
Ta=25°C
PD - Ta
0
200
400
600
800
1000
0
20
40
60
80 100 120 140 160
Ambient temperature Ta(°C)
a
b
a: mounted on FR4 board
(25.4mm×25.4mm×1.6mm)
Cu Pad :25.4mm×25.4mm
b:mounted on ceramic board
(25.4mm×25.4mm×0.8mm)
Cu Pad :25.4mm×25.4mm
C - VDS
10
100
1000
0.1
1
10
100
Drain-Source voltage VDS (V)
Ciss
Coss
Crss
Common Source
VGS=0V
f=1MHz
Ta=25°C
Ta=85°C
25°C
-25°C
t - ID
1
10
100
1000
0.01
0.1
1
10
Drain current ID (A)
toff
tr
ton
tf
Common Source
VDD=10V
VGS=0 to 2.5V
Ta=25°C
IDR - VDS
0.001
0.01
0.1
1
10
-1
-0.8
-0.6
-0.4
-0.2
0
Drain-Source voltage VDS (V)
S
IDR
G
D
Common Source
VGS=0V
Ta=25°C
Ta=85°C
25°C
-25°C
Rth - tw
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse w idth tw (S)
a
b
c
Single pulse
a:Mounted on ceramic board
(25.4mm×25.4mm×0.8mm)
Cu Pad :25.4mm×25.4mm
b:Mounted on FR4 board
(25.4mm×25.4mm×1.6mm)
Cu Pad :25.4mm×25.4mm
c:Mounted on FR4 Board
(25.4mm×25.4mm×1.6mm)
Cu Pad :0.45mm×0.8mm×3


Similar Part No. - SSM3K101TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K101TU TOSHIBA-SSM3K101TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM3K101TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K105TU TOSHIBA-SSM3K105TU Datasheet
471Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK1062 TOSHIBA-2SK1062_07 Datasheet
586Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16TE TOSHIBA-SSM3K16TE_07 Datasheet
147Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com