Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP150T120 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PP150T120
Description  POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP150T120 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PP150T120 Datasheet HTML 1Page - Powerex Power Semiconductors PP150T120 Datasheet HTML 2Page - Powerex Power Semiconductors PP150T120 Datasheet HTML 3Page - Powerex Power Semiconductors PP150T120 Datasheet HTML 4Page - Powerex Power Semiconductors PP150T120 Datasheet HTML 5Page - Powerex Power Semiconductors PP150T120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TENTATIVE
PP150T120
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
150A / 1200V
3 phase IGBT Assembly
PP150T120(-)
- 5 -
Performance Curves
Effective Output Current vs. Carrier Frequency (Typical)
Condition
Symbol
Value
Units
Ambient Temperature
TA
40
°C
DC Bus Voltage
VCC
600
Volts
Load Power Factor
cos
φ
0.8
IGBT Saturation Voltage
VCE(sat)
Typical @ TJ = 125°C
Volts
IGBT Switching Loss
ESW
Typical @ TJ = 125°C
mJ
Airflow
-
1500
LFM
Switching Conditions
3 phase PWM, 60Hz sinusoidal output
40
50
60
70
80
90
100
110
120
130
140
40
60
80
100
120
140
160
180
200
220
I
out ARMS
10kHz
5kHz
1kHz


Similar Part No. - PP150T120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP150T120-ND POWEREX-PP150T120-ND Datasheet
590Kb / 5P
   3-Phase POW-R-PAK??IGBT Assembly 150 Amperes/1200 Volts
More results

Similar Description - PP150T120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP150T060 POWEREX-PP150T060 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 600V 3 phase IGBT Assembly
PP300T120 POWEREX-PP300T120 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V 3 phase IGBT Assembly
PP75T120 POWEREX-PP75T120 Datasheet
362Kb / 6P
   POW-R-PAK 75A / 1200V 3 phase IGBT Assembly
PP100T120 POWEREX-PP100T120 Datasheet
361Kb / 6P
   POW-R-PAK 100A / 1200V 3 phase IGBT Assembly
PP225D060 POWEREX-PP225D060 Datasheet
363Kb / 6P
   POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP150B120 POWEREX-PP150B120 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 1200V H-Bridge IGBT Assembly
PP200T120 POWEREX-PP200T120 Datasheet
362Kb / 6P
   POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP100T060 POWEREX-PP100T060 Datasheet
361Kb / 6P
   POW-R-PAK 100A / 600V 3 phase IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com