Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP150T060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PP150T060
Description  POW-R-PAK 150A / 600V 3 phase IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP150T060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PP150T060 Datasheet HTML 1Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 2Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 3Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 4Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 5Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TENTATIVE
PP150T060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
150A / 600V
3 phase IGBT Assembly
PP150T060(-)
- 3 -
Gate Drive Board Electrical Characteristics
Characteristics
Min
Typ
Max
Units
Unregulated +24V Power Supply
20
24
30
Volts
Regulated +15V Power Supply
14.4
15
18
Volts
PWM Input On Threshold
12
15
Volts
PWM Input Off Threshold
0
2
Volts
Output Overcurrent Trip
225
Amperes
Overtemperature Trip
96
98
100
°C
Overvoltage Trip
460
Volts
DC Link Voltage Feedback
See Figure Below
Volts
Heatsink Temperature Feedback
See Figure Below
Volts
Output Current Feedback
See Figure Below
Volts
Thermal and Mechanical Characteristics
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
IGBT Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT ½ module
-
0.16
0.24
°C/W
FWD Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWD ½ module
0.47
°C/W
Contact Thermal Resistance
Rth(c-f)
-
0.035
-
°C/W
Heatsink Thermal Resistance
Rth(f-a)
1500 LFM airflow
0.040
°C/W
Mounting Torque, AC terminals
75
90
in-lb
Mounting Torque, DC terminals
130
150
in-lb
Mounting Torque, Mounting plate
130
150
in-lb
Weight
21
lb
Heatsink Temperature Feedback
0
20
40
60
80
100
120
0
1234567
89
10
Feedback Voltage (Volts)
DC Link Feedback
0
100
200
300
400
500
0
1234567
89
10
Feedback Voltage (Volts)
Output Current Feedback
0
50
100
150
200
250
300
350
400
0
1
234567
89
10
Feedback Voltage (Volts)


Similar Part No. - PP150T060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120 POWEREX-PP150T120 Datasheet
362Kb / 6P
   POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP150T120-ND POWEREX-PP150T120-ND Datasheet
590Kb / 5P
   3-Phase POW-R-PAK??IGBT Assembly 150 Amperes/1200 Volts
More results

Similar Description - PP150T060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120 POWEREX-PP150T120 Datasheet
362Kb / 6P
   POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP100T060 POWEREX-PP100T060 Datasheet
361Kb / 6P
   POW-R-PAK 100A / 600V 3 phase IGBT Assembly
PP75T060 POWEREX-PP75T060 Datasheet
361Kb / 6P
   POW-R-PAK 75A / 600V 3 phase IGBT Assembly
PP150B060 POWEREX-PP150B060 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 600V H-Bridge IGBT Assembly
PP400T060 POWEREX-PP400T060 Datasheet
362Kb / 6P
   POW-R-PAK 400A / 600V 3 phase IGBT Assembly
PP200T060 POWEREX-PP200T060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP300T120 POWEREX-PP300T120 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V 3 phase IGBT Assembly
PP75T120 POWEREX-PP75T120 Datasheet
362Kb / 6P
   POW-R-PAK 75A / 1200V 3 phase IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com