Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K01T Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K01T
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K01T Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K01T_07 Datasheet HTML 1Page - Toshiba Semiconductor SSM3K01T_07 Datasheet HTML 2Page - Toshiba Semiconductor SSM3K01T_07 Datasheet HTML 3Page - Toshiba Semiconductor SSM3K01T_07 Datasheet HTML 4Page - Toshiba Semiconductor SSM3K01T_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K01T
2007-11-01
4
Drain current ID (A)
t – ID
Ambient temperature Ta (°C)
PD – Ta
10
0.01
Common Source
VDD = 15 V
VGS = 0~2.5 V
RG = 4.7 Ω
Ta
= 25°C
1000
tr
ton
tf
toff
100
0.1
1
Drain-source voltage VDS (V)
Safe operating area
rth – tw
Pulse width tw (s)
1
0.001
Single pulse
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t,
Cu Pad: 645 mm
2
)
1000
0.01
0.1
1
10
100
10
100
1000
0.01
1
10
0.1
0.1
100
10
1
Mounted on FR4 board
(25.4 mm
× 25.4 mm
× 1.6 t,
Cu Pad: 645 mm
2
)
DC operation
ID max (pulsed)
ID max (continuous)
10 ms*
1 ms*
10 s*
Ta
= 25°C
*: Single nonrepetitive
Pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
VDSS
max
1.5
0
0
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t,
Cu Pad: 645 mm
2
)
t
= 10 s
DC
1
0.75
25
50
75
100
125
150
1.25
0.5
0.25


Similar Part No. - SSM3K01T_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K01T TOSHIBA-SSM3K01T Datasheet
163Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K01T TOSHIBA-SSM3K01T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3K01T VBSEMI-SSM3K01T Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM3K01T_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com