Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC74HC4538AP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC74HC4538AP
Description  Dual Retriggerable Monostable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74HC4538AP Datasheet(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TC74HC4538AP/AF/AFN/AFT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Outputs
A
B
CD
Q
Q
Note
H
H
Output Enable
X
L
H
L
H
Inhibit
H
X
H
L
H
Inhibit
L
H
Output Enable
X
X
L
L
H
Reset
X: Don’t care
VCC
16
2T1
2T2
2Q
15
14
13
12
11
10
1
2
3
4
5
6
7
1A
1Q
GND
8
B
2
9
2A
(top view)
1T2
CD
1
B
1
CD
2
Q
2
1T1
Q
1
&
(5)
(4)
(3)
(2)
(1)
1T1
1T2
(6)
1Q
CD
1
B
1
1A
R
(7)
Q
1
CX
RX/CX
(11)
(12)
(13)
(14)
(15)
2T1
2T2
(10)
2Q
CD
2
B
2
2A
(9)
Q
2
R
CX
RX/CX
&


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn