Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP621-2 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP621-2
Description  Programmable Controller
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP621-2 Datasheet(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
3
• Option (D4) type
VDE approved: DIN EN 60747-5-2, certificate no. 40009302
Maximum operating insulation voltage: 890 VPK
Highest permissible over voltage: 8000 VPK
(Note)
When a EN 60747-5-2 approved type is needed, please designate the “Option (D4)”
7.62 mm pich
10.16 mm pich
standard type
(LF2) type
• Creepage distance
: 6.4 mm (min.)
8.0 mm (min)
Clearance
: 6.4 mm (min.)
8.0 mm (min)
Insulation thickness
: 0.4 mm (min.)
0.4 mm (min)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn