Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP705 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP705
Description  Plasma Display Panel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP705_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP705
2007-10-01
3
Electrical Characteristics (Ta = −40 to 100°C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
Forward voltage
VF
IF = 10 mA, Ta = 25°C
1.6
1.8
V
Temperature coefficient of forward
voltage
∆VF/∆Ta
IF = 10 mA
−2.0
mV/°C
Input reverse current
IR
VR = 5 V, Ta = 25°C
10
μA
Input capacitance
CT
V
= 0 V , f = 1 MHz,Ta = 25°C
45
pF
IOPH1
V6-5 = 4 V
−0.15
−0.35
“H” Level
IOPH2
1
VCC = 15 V
IF = 10 mA
V6-5 = 10 V
−0.3
−0.6
IOPL1
V5-4 = 2 V
0.15
0.36
Output current
(Note 9)
“L” Level
IOPL2
2
VCC = 15 V
IF = 0 mA
V5-4 = 10 V
0.3
0.62
A
“H” Level
VOH
3
IO = −100 mA,
IF = 10 mA
6.0
8.5
Output voltage
“L” Level
VOL
4
VCC = 10 V
IO = 100 mA,
VF = 0.8 V
0.4
1.0
V
“H” Level
ICCH
5
IF = 10 mA
2.0
3.0
Supply current
“L” Level
ICCL
6
VCC = 10 to 20 V
VO open
IF = 0 mA
2.0
3.0
mA
Threshold input current
L
→ H
IFLH
VCC = 15 V, VO > 1 V
2.5
8
mA
Threshold input voltage
H
→ L
VFHL
VCC = 15 V, VO < 1 V
0.8
V
Supply voltage
VCC
10
20
V
*: All typical values are at Ta
= 25°C
Note 9: Duration of IO time ≤ 50 μs
Note10: This product is more sensitive than the conventional product to static electricity (ESD) because of a lowest
power consumption design.
General precaution to static electricity (ESD) is necessary for handling this component.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0 V, f = 1MHz
(Note 5)
1.0
pF
Isolation resistance
RS
R.H. ≤ 60%,VS = 500V
(Note 5)
1×10
12
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc


Similar Part No. - TLP705_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
   Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
More results

Similar Description - TLP705_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com