Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC299AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC299AP
Description  8-Bit PIPO Shift Register with Asynchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC299AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC299AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC299AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC299AP/AF
2007-10-01
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
VIN
= VIH or VIL
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
QA’, QH’
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
High-level output
voltage
VOH
QA to QH
IOH = −6 mA
IOH = −7.8 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
VIN
= VIH or VIL
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
QA’, QH’
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
Low-level output
voltage
VOL
QA to QH
IOL = 6 mA
IOL = 7.8 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
3-state output off
state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
μA
Input leakage current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC299AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
More results

Similar Description - TC74HC299AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com