Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC283AFN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC283AFN
Description  4-Bit Binary Full Adder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC283AFN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC283AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC283AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC283AP/AF/AFN
2007-10-01
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(C0-
Σn)
tpLH
tpHL
17
26
ns
Propagation delay time
(C0-C4)
tpLH
tpHL
17
26
ns
Propagation delay time
(An, Bn-
Σn)
tpLH
tpHL
23
37
ns
Propagation delay time
(An, Bn-C4)
tpLH
tpHL
21
34
ns


Similar Part No. - TC74HC283AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC283AFN TOSHIBA-TC74HC283AFN Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC283AFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com