Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC74HC283AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC74HC283AP
Description  4-Bit Binary Full Adder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74HC283AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC283AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(C0-
Σn)
tpLH
tpHL
2.0
4.5
6.0
60
20
17
150
30
26
190
38
32
ns
Propagation delay
time
(C0-C4)
tpLH
tpHL
2.0
4.5
6.0
60
20
17
150
30
26
190
38
32
ns
Propagation delay
time
(An, Bn-
Σn)
tpLH
tpHL
2.0
4.5
6.0
95
27
22
210
42
36
265
53
45
ns
Propagation delay
time
(An, Bn-C4)
tpLH
tpHL
2.0
4.5
6.0
80
25
20
195
39
33
245
49
42
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
126
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn