Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC175AFN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC175AFN
Description  Quad D-Type Flip Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC175AFN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC175AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC175AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC175AP/AF/AFN
2007-10-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(
CLR )
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum removal time
trem
2.0
4.5
6.0
75
15
13
95
19
16
ns
Clock frequency
f
2.0
4.5
6.0
6
31
36
5
25
29
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(CK-Q, Q)
tpLH
tpHL
16
24
ns
Propagation delay time
(
CLR -Q, Q )
tpLH
tpHL
13
21
ns
Maximum clock frequency
fmax
36
63
MHz


Similar Part No. - TC74HC175AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC175AFN TOSHIBA-TC74HC175AFN Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
More results

Similar Description - TC74HC175AFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com