Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1160 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1160
Description  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1160 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1160_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1160_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1160_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1160_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1160
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −20 V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
−100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−10
V
Emitter-base breakdown voltage
V (BR) EBO
IE = −1 mA, IC = 0
−6
V
DC current gain
hFE (1)
(Note 3)
VCE = −1 V, IC = −0.5 A
140
600
Collector-emitter saturation voltage
hFE (2)
VCE = −1 V, IC = −4 A
60
120
Base-emitter saturation voltage
VCE (sat)
IC = −2 A, IB = −50 mA
−0.20
−0.50
V
Base-emitter voltage
VBE
VCE = −1 V, IC = −2 A
−0.83
−1.5
V
Transition frequency
fT
VCE = −1 V, IC = −0.5 A
140
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
50
pF
Note 3: hFE (1) Classification A: 140 to 280, B: 200 to 400, C: 300 to 600
Marking
A1160
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SA1160_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results

Similar Description - 2SA1160_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com