Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1145 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1145
Description  Audio Frequency Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1145 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1145_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1145_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1145_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1145_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1145_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1145
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −150 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −1 mA, IB = 0
−150
V
DC current gain
hFE (Note) VCE = −5 V, IC = −10 mA
80
240
Collector-emitter saturation voltage
VCE (sat)
IC = −10 mA, IB = −1 mA
−1.0
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −10 mA
−0.8
V
Transition frequency
fT
VCE = −5 V, IC = −10 mA
200
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
2.5
pF
Note: hFE classification O: 80 to 160, Y: 120 to 240
Marking
A1145
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SA1145_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1145 TOSHIBA-2SA1145 Datasheet
144Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Foshan Blue Rocket Elec...
2SA1145 FOSHAN-2SA1145 Datasheet
872Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SA1145 JIANGSU-2SA1145 Datasheet
2Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SA1145 ISC-2SA1145 Datasheet
426Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1145_07

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com