Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75CSA120 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM75CSA120
Description  Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM75CSA120 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM75CSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM75CSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM75CSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM75CSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM75CSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM75CSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM75CSA120
Intellimod™ Module
Three Phase IGBT Inverter Output
75 Amperes/1200 Volts
514
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICEX
VCE = VCEX, Tj = 25°C
1.0
mA
VCE = VCEX, Tj = 125°C—
10
mA
Diode Forward Voltage
VFM
-IC = 75A, VD = 15V, VCIN = 0V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 15V, IC = 75A
2.5
3.5
Volts
VD = 15V, VCIN = 15V, IC = 75A,
2.2
3.2
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 15V
0.15
0.3
µS
tC(on)
VCC = 600V, IC = 75A
0.4
1.0
µS
toff
Tj = 125°C
2.0
3.0
µS
tC(off)
0.7
1.2
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
0.25
°C/Watt
Rth(j-c)D
Each FWDi
0.51
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.027
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
0 ~ 800
Volts
VD
Applied between VUP1-VUPC,
15
± 1.5
Volts
VN1-VNC, VVP1-VVPC, VWP1-VWPC
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
UP, VP, WP, UN, VN, WN
4.0 ~ VD
Volts
PWM nput Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tDEAD
Input Signal
≥ 2.5
µS


Similar Part No. - PM75CSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75CSA120 MITSUBISHI-PM75CSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM75CSA120 MITSUBISHI-PM75CSA120 Datasheet
71Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75CSA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM75CVA120 POWEREX-PM75CVA120 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CVA120 POWEREX-PM100CVA120 Datasheet
186Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM100CSD120 POWEREX-PM100CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM50CSD120 POWEREX-PM50CSD120 Datasheet
97Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/1200 Volts)
PM75CSD060 POWEREX-PM75CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com