Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616HBG-4SI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LV1616HBG-4SI
Description  Wide Temperature Range Version 16 M SRAM (1-Mword16-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HBG-4SI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LV1616HBG-4SI Datasheet HTML 3Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 4Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 9Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 10Page - Renesas Technology Corp R1LV1616HBG-4SI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
R1LV1616HBG-I Series
Rev.1.00, Sep.21.2005, page 7 of 13
Read Cycle
R1LV1616HBG-I
-4SI
-5SI
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
tRC
45
55
ns
Address access time
tAA
45
55
ns
Chip select access time
tACS1
45
55
ns
tACS2
45
55
ns
Output enable to output valid
tOE
30
35
ns
Output hold from address change
tOH
10
10
ns
LB#, UB# access time
tBA
45
55
ns
Chip select to output in low-Z
tCLZ1
10
10
ns
2, 3
tCLZ2
10
10
ns
2, 3
LB#, UB# enable to low-Z
tBLZ
5
5
ns
2, 3
Output enable to output in low-Z
tOLZ
5
5
ns
2, 3
Chip deselect to output in high-Z
tCHZ1
0
20
0
20
ns
1, 2, 3
tCHZ2
0
20
0
20
ns
1, 2, 3
LB#, UB# disable to high-Z
tBHZ
0
15
0
20
ns
1, 2, 3
Output disable to output in high-Z
tOHZ
0
15
0
20
ns
1, 2, 3
Write Cycle
R1LV1616HBG-I
-4SI
-5SI
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
tWC
45
55
ns
Address valid to end of write
tAW
45
50
ns
Chip selection to end of write
tCW
45
50
ns
5
Write pulse width
tWP
35
40
ns
4
LB#, UB# valid to end of write
tBW
45
50
ns
Address setup time
tAS
0
0
ns
6
Write recovery time
tWR
0
0
ns
7
Data to write time overlap
tDW
25
25
ns
Data hold from write time
tDH
0
0
ns
Output active from end of write
tOW
5
5
ns
2
Output disable to output in high-Z
tOHZ
0
15
0
20
ns
1, 2
Write to output in high-Z
tWHZ
0
15
0
20
ns
1, 2
Notes: 1. tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions and
are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, tHZ max is less than tLZ min both for a given device and from
device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#. A write
begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB# going low or
UB# going low. A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going
high and LB# going high or UB# going high. tWP is measured from the beginning of write to the end of write.
5. tCW is measured from the later of CS1# going low or CS2 going high to the end of write.
6. tAS is measured from the address valid to the beginning of write.
7. tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.


Similar Part No. - R1LV1616HBG-4SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HBG-4SI RENESAS-R1LV1616HBG-4SI Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
More results

Similar Description - R1LV1616HBG-4SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62V16100I RENESAS-HM62V16100I Datasheet
211Kb / 25P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com