Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74STX1G126TEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74STX1G126TEX
Description  SOTiny??Gate STX Buffer with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G126TEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74STX1G126TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G126TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G126TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G126TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX1G126TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74STX1G126TEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8556D
06/07/06
OE
GND
VCC
YOUT
AIN
1
2
4
5
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SOTinyGate STX
Buffer with 3-State Output
Description
The PI74STX1G126 is a buffer with 3-state output that operates over
the 1.65V to 5.5V VCC operating range.
PI74STX1G126
Block Diagram
PinConfiguration
OE
AIN
YOUT
Features
• High-speed: tPD = 2.3ns typical into 50pF @ 5V VCC
• Broad operating range: VCC = 1.65V – 5.5V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Packaging (Pb-free & Green available):
– 5-pin SOT23 (T)
– 5-pin SC70 (C)
s
t
u
p
n
It
u
p
t
u
O
E
OA N
I
Y T
U
O
H
H
L
L
H
X
L
H
Z
FunctionTable
Notes:
H = HIGH Logic Level
L = LOW Logic Level
Z = HIGH Impedance
PinDescription
s
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
A N
I
t
u
p
n
I
E
Ot
u
p
n
I
Y T
U
O
t
u
p
t
u
O
RecommendedOperatingConditions(1)
Notes:
1. Unused inputs must be held HIGH or LOW. They may not float.
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )5
6
.
15
.
5
V
V
(
e
g
a
tl
o
V
t
u
p
n
I
N
I )0
5
.
5
V
(
e
g
a
tl
o
V
t
u
p
t
u
O
T
U
O
)0
V C
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
–5
8C
°
d
n
a
e
s
i
R
t
u
p
n
I
t
(
e
m
i
T
ll
a
F
r t
, f)
V C
C
,
V
8
.
1
=
V
2
.
0
±
V
5
.
2
00
2
V
/
s
n
V C
C
,
V
3
.
3
=
V
3
.
0
±
00
1
V C
C
,
V
0
.
5
=
V
5
.
0
±
05
06-0217


Similar Part No. - PI74STX1G126TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1G125 PERICOM-PI74STX1G125 Datasheet
171Kb / 5P
   SOTiny Gate STX Buffer with 3-State Output
PI74STX1G125CX PERICOM-PI74STX1G125CX Datasheet
171Kb / 5P
   SOTiny Gate STX Buffer with 3-State Output
PI74STX1G125TX PERICOM-PI74STX1G125TX Datasheet
171Kb / 5P
   SOTiny Gate STX Buffer with 3-State Output
More results

Similar Description - PI74STX1G126TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1G125 PERICOM-PI74STX1G125 Datasheet
171Kb / 5P
   SOTiny Gate STX Buffer with 3-State Output
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
   SOTiny Gate STX Inverter
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
   SOTiny Gate STX 2-Input
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
   SOTiny Gate STX 2-Input
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
   SOTiny Gate STX 2-Input AND
PI74STX1G14 PERICOM-PI74STX1G14 Datasheet
159Kb / 5P
   SOTiny Gate STX Schmitt-Trigger Inverter
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX2G14 PERICOM-PI74STX2G14 Datasheet
193Kb / 5P
   SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com