Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV1616HBG-I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. R1LV1616HBG-I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HBG-I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1LV1616HBG-I Datasheet HTML 2Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 3Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 4Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 5Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 6Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 9Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
R1LV1616HBG-I Series
Rev.1.00, Sep.21.2005, page 6 of 13
Capacitance
(Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
CI/O
10
pF
VI/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.
AC Characteristics
(Ta =
−40 to +85°C, V
CC = 2.7 V to 3.6 V)
Test Conditions
• Input pulse levels: V
IL = 0.4 V, VIH = 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.4 V
• Output load: See figures (Including scope and jig)
50pF
Dout
RL=500
1.4 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
R1LV0416C-I Wide Temperature Range Version 4M SRAM 256-kword × 16-bit 1  2  3  4  5  More Renesas Technology Corp
KP1H010KC CHIP TYPE NON-POLARIZED WITH WIDE TEMPERATURE RANGE 1  2  3  4  5  More DB Lectro Inc
CK1A100KC CHIP TYPE WIDE TEMPERATURE RANGE 1  2  3  4  5  More DB Lectro Inc
MBR540 Wide Temperature Range and High Tjm Schottky Barrier Rectifiers 1  2  List of Unclassifed Manufacturers
HUR3060 High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode 1  2  3  List of Unclassifed Manufacturers
HUR6060 High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn