Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV1616HBG-I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. R1LV1616HBG-I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HBG-I Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1LV1616HBG-I Datasheet HTML 1Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 2Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 3Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 4Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 5Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 6Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HBG-I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R1LV1616HBG-I Series
Rev.1.00, Sep.21.2005, page 5 of 13
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
|ILI|
1
µA Vin = VSS to VCC
Output leakage current
|ILO|
1
µA CS1# = VIH or CS2 = VIL or
OE# = VIH or WE# = VIL or
LB# = UB# = VIH, VI/O = VSS to VCC
Operating current
ICC
20
mA
CS1# = VIL, CS2 = VIH,
Others = VIH/ VIL, II/O = 0 mA
Average operating current
ICC1
(READ)
22*
1
35
mA
Min. cycle, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
WE# = VIH, Others = VIH/VIL
ICC1
30*
1
50
mA
Min. cycle, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
Others = VIH/VIL
ICC2
(READ)
3*
1
8
mA
Cycle time = 70 ns, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
WE# = VIH, Others = VIH/VIL
Address increment scan or decrement
scan
ICC2
20*
1
30
mA
Cycle time = 70 ns, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
Others = VIH/VIL
Address increment scan or decrement
scan
ICC3
3*
1
8
mA
Cycle time = 1
µs, duty = 100%,
II/O = 0 mA, CS1#
≤ 0.2 V,
CS2
≥ VCC − 0.2 V
VIH
≥ VCC − 0.2 V, VIL ≤ 0.2 V
ISB
0.1*
1
0.5
mA
CS2 = VIL
Standby current
ISB1
0.5*
1
8
µA 0 V ≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2) CS1#
≥ VCC − 0.2 V,
CS2
≥ VCC − 0.2 V or
(3) LB# = UB#
≥ VCC − 0.2 V,
CS2
≥ VCC − 0.2 V,
CS1#
≤ 0.2 V
Average value
Output high voltage
VOH
2.4
V
IOH =
−1 mA
VOH
VCC
− 0.2
V
IOH =
−100 µA
Output low voltage
VOL
0.4
V
IOL = 2 mA
VOL
0.2
V
IOL = 100
µA
Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25
°C and not guaranteed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
R1LV0416C-I Wide Temperature Range Version 4M SRAM 256-kword × 16-bit 1  2  3  4  5  More Renesas Technology Corp
KP1H010KC CHIP TYPE NON-POLARIZED WITH WIDE TEMPERATURE RANGE 1  2  3  4  5  More DB Lectro Inc
CK1A100KC CHIP TYPE WIDE TEMPERATURE RANGE 1  2  3  4  5  More DB Lectro Inc
MBR540 Wide Temperature Range and High Tjm Schottky Barrier Rectifiers 1  2  List of Unclassifed Manufacturers
HUR3060 High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode 1  2  3  List of Unclassifed Manufacturers
HUR6060 High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn