Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV1616HBG-I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. R1LV1616HBG-I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1LV1616HBG-I Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R1LV1616HBG-I Series
Rev.1.00, Sep.21.2005, page 4 of 13
Operation Table
CS1#
CS2
WE#
OE#
UB#
LB#
I/O0 to I/O7
I/O8 to I/O15
Operation
H
×
×
×
×
×
High-Z
High-Z
Standby
×
L
×
×
×
×
High-Z
High-Z
Standby
×
×
×
×
H
H
High-Z
High-Z
Standby
L
H
H
L
L
L
Dout
Dout
Read
L
H
H
L
H
L
Dout
High-Z
Lower byte read
L
H
H
L
L
H
High-Z
Dout
Upper byte read
L
H
L
×
L
L
Din
Din
Write
L
H
L
×
H
L
Din
High-Z
Lower byte write
L
H
L
×
L
H
High-Z
Din
Upper byte write
L
H
H
H
×
×
High-Z
High-Z
Output disable
Note:
H: VIH, L: VIL,
×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to VSS
VCC
−0.5 to +4.6
V
Terminal voltage on any pin relative to VSS
VT
−0.5*
1 to V
CC + 0.3*
2
V
Power dissipation
PT
1.0
W
Storage temperature range
Tstg
−55 to +125
°C
Storage temperature range under bias
Tbias
−40 to +85
°C
Notes: 1. VT min:
−2.0 V for pulse half-width ≤ 10 ns.
2. Maximum voltage is +4.6 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VCC
2.7
3.0
3.6
V
VSS
0
0
0
V
Input high voltage
VIH
2.2
VCC + 0.3
V
Input low voltage
VIL
−0.3
0.6
V
1
Ambient temperature range
Ta
−40
+85
°C
Note:
1. VIL min:
−2.0 V for pulse half-width ≤ 10 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn