Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM600DVA060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM600DVA060
Description  Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM600DVA060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM600DVA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM600DVA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM600DVA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM600DVA060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
415
PM600DVA060
Intellimod™ Module
Single Phase IGBT Inverter Output
600 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V, Tj = 25°C
——
1.0
mA
VCE = VCES, VD = 15V, Tj = 125°C
——
10.0
mA
FWDi Forward Voltage
VEC
-IC = 600A, VD = 15V, VCIN = 5V
2.20
3.30
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 600A,
2.35
2.80
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 600A,
2.55
3.05
Volts
Pulsed, Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.4
2.5
µS
trr
VD = 15V, VCIN = 0V ~ 5V
0.15
0.3
µS
tC(on)
VCC = 300V, IC = 600A,
0.4
1.0
µS
toff
Tj = 125°C
2.0
3.0
µS
tC(off)
0.5
1.0
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each Inverter IGBT
——
0.09
°C/Watt
Rth(j-c)D
Each Inverter FWDi
——
0.13
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
——
0.065
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across C1-E2 Terminals
≤ 400
Volts
VCE(surge)
Applied across C1-E1, C2-E2 Terminals
≤ 500
Volts
VD
Applied between
15
± 1.5
Volts
VP1-VPC, VN1-VNC
Input ON Voltage
VCIN(on)
Applied between
≤ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
≥ 4.0
Volts
Arm Shoot-Through Blocking Time
tDEAD
For IPM's each Input Signal
≥ 3.5
µS


Similar Part No. - PM600DVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM600DVA060 MITSUBISHI-PM600DVA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM600DVA060 MITSUBISHI-PM600DVA060 Datasheet
49Kb / 4P
   FLAT-BASE TYPE INSULATED PACKAGE
PM600DVA060 MITSUBISHI-PM600DVA060 Datasheet
88Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600DVA060 MITSUBISHI-PM600DVA060_05 Datasheet
88Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM600DVA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM600DSA060 POWEREX-PM600DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (600 Amperes/600 Volts)
PM200DSA060 POWEREX-PM200DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM400DSA060 POWEREX-PM400DSA060 Datasheet
79Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
PM400DVA060 POWEREX-PM400DVA060 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (400 Amperes/600 Volts)
PM300DSA060 POWEREX-PM300DSA060 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM800DV1B060 POWEREX-PM800DV1B060 Datasheet
580Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output 800 Amperes/600 Volts
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com