Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN1C03F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. HN1C03F
Description  Silicon NPN Epitaxial Type (PCT Process) For Muting And Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

HN1C03F Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HN1C03F
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1,Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 25V, IC = 0
0.1
μA
DC current gain
hFE (Note)
VCE = 2V, IC = 4mA
200
1200
Collector-emitter
saturation voltage
VCE (sat)
IC = 30mA, IB = 3mA
0.042
0.1
V
Base-emitter voltage
VBE
VCE = 2V, IC = 4mA
0.61
V
Transition frequency
fT
VCE = 6V, IC = 4mA
30
MHz
Collector output
capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
4.8
7
pF
Turn-on time
160
Storage Time
500
Switching
time
Fall time
130
ns
Note: hFE Classification
A: 200~700, B: 350~1200
Marking
Equivalent Circuit (Top View)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn