Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM50RVA120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part No. PM50RVA120
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM50RVA120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PM50RVA120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
50 Amperes/1200 Volts
422
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR CURRENT, I
C, (AMPERES)
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
204060
1.0
0
VD = 15V
2.0
3.0
Tj = 25°C
Tj = 125°C
CONTROL SUPPLY VOLTAGE, V
D, (VOLTS)
COLLECTOR-EMITTER
SATURATON VOLTAGE CHARACTERISTICS
(TYPICAL)
0
131517
1.0
0
2.0
3.0
IC = 50A
Tj = 25°C
Tj = 125°C
COLLECTOR-EMITTER VOLTAGE, V
CE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
102030
20
0
13
Tj = 25
oC
40
60
15
VD = 17V
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
100
10-1
ton
VCC = 600V
VD = 15V
toff
Tj = 25°C
Tj = 125°C
CARRIER FREQUENCY, f
C, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY
0
102030
50
0
VD = 15V
100
150
Tj = 25°C
P-SIDE
N-SIDE
DIODE FORWARD VOLTAGE, V
EC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
102
101
100
T
j = 25°C
T
j = 125°C
VD = 15V
0
1.0
2.0
3.0
COLLECTOR CURRENT, I
C, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
10-1
10-2
Irr
trr
VCC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
103
101
100
100
102
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING LOSS
CHARACTERISTICS (TYPICAL)
102
101
102
103
100
101
10-1
PSW(off)
PSW(on)
VCC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
PSW(off)
COLLECTOR CURRENT, I
C, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
101
102
103
100
10-1
V
CC = 600V
VD = 15V
Tj = 25°C
Tj = 125°C
tc(on)
tc(off)
Inverter Part


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn