Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM50RSK060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. PM50RSK060
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM50RSK060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase + Brake
IGBT Inverter Output
50 Amperes/600 Volts
PM50RSK060
Outline Drawing and Circuit Diagram
533
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM50RSK060 is a 600V,
50 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
50
60
Dimensions
Inches
Millimeters
A
3.96
±0.04
100.5
±1.0
B
3.48
±0.02
88.5
±0.5
C
2.76
±0.04
70.0
±1.0
D
2.30
±0.02
58.5
±0.5
E
2.22
±0.02
56.5
±0.5
F
1.61
41.0
G
1.30
33.0
H
0.75
±0.04
19.0
±1.0
J
0.542
13.77
K
0.53
13.5
L
0.51
13.0
M
0.49
±0.01
12.5
±0.25
N
0.300
±0.01
7.62
±0.25
P
0.20
5.0
Dimensions
Inches
Millimeters
Q
0.20 Rad.
Rad. 5.0
R
0.18 Dia.
Dia. 4.5
S
0.108
2.75
T
0.100
±0.01
2.54
±0.25
U
0.030
0.75
W
0.25
6.35
X
0.313
7.95
Y
0.039
1.0
Z
0.134
3.4
AA
0.236
6.0
BB
0.065
1.65
CC
0.032
0.8
DD
0.016
0.4
EE
0.24
0.6
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
UU
V
V
W
W
WPC
UPI
VPI
WPI
NC
NI
PN
P
P
N
N
UPC
F O
VVPC
17.
18.
19.
TEMP
P
U
V
W
N
B
20.
21.
22.
23.
24.
25. W
V
U
N
BR
P
BRN
WFO
VFO
U FO
P
K
S
H
B
E
A
EE
DD THICK
TYPICAL
19 PLACES
G
C
D
J
N
N
N
F
U
10
12
PB
W
34
7
5 6
8
9
11
13 15 17 19
12
14 16 18
T (15 TYP.)
R - DIA.
(4 TYP.)
NU
V
Q (4 TYP.)
L
M
M
MMM
X
Z
Ø BB
AA
Y
W
CC THICK
TYPICAL 6 PLACES


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn