Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM50RSK060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part No. PM50RSK060
Description  Intellimod™ Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

PM50RSK060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PM50RSK060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
50 Amperes/600 Volts
536
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C
1.0
mA
VCE = VCES, Tj = 125°C—
10
mA
Diode Forward Voltage
VFM
-IC = 50A, VD = 15V, VCIN = 5V
2.2
3.3
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A
1.8
2.7
Volts
VD = 15V, VCIN = 0V, IC = 50A,
1.85
2.78
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.4
0.8
2.0
µS
trr
VD = 15V, VCIN = 0 ~ 15V
0.15
0.3
µS
tC(on)
VCC = 300V, IC = 50A
0.4
1.0
µS
toff
Tj = 125°C
2.0
2.9
µS
tC(off)
0.5
1.0
µS
Brake Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A,
2.6
3.5
Volts
Tj = 25°C
VD = 15V, VCIN = 0V, IC = 50A,
3.0
4.0
Volts
Tj = 125°C
Diode Forward Voltage
VFM
-IC = 15A, VD = 15V, VCIN = 5V
1.7
2.2
Volts
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C—
1
mA
VCE = VCES, Tj = 125°C—
10
mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn