Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP227GA Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP227GA
Description  Photo Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP227GA Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP227GA_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP227GA_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP227GA_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP227GA_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP227GA_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP227GA_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP227GA, TLP227GA-2
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP227GA, TLP227GA-2
Modem
Telecommunications
PBXs
The Toshiba TLP227GA series consist of a gallium arsenide
infrared-emitting diode optically coupled to a photo-MOSFET in a 4-pin
DIP or a 8-pin DIP package, and has a peak off-State voltage of 400 V.
• Normally off function
• TLP227GA
: DIP4 (1 form A)
TLP227GA-2
: DIP8 (2 form A)
• Peak off-state voltage
: 400 V (min)
• Trigger LED current
: 3 mA (max)
• On-state current
: 120 mA (max)
• On-state resistance
: 35Ω (max)
• Isolation voltage
: 2500 Vrms (min)
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-5B2
Weight: 0.26 g (typ.)
JEDEC
JEITA
TOSHIBA
11-10C4
Weight: 0.54 g (typ.)
1
2
3
4
TLP227GA
1: Anode
2: Cathode
3: Drain
4: Drain
1
2
3
4
8
7
6
5
1, 3: Anode
2, 4: Cathode
5
: Drain D1
6
: Drain D2
7
: Drain D3
8
: Drain D4
TLP227GA-2


Similar Part No. - TLP227GA_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP227GA-2 TOSHIBA-TLP227GA-2 Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results

Similar Description - TLP227GA_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP597G TOSHIBA-TLP597G Datasheet
174Kb / 3P
   PHOTO RELAY
TLP227G TOSHIBA-TLP227G_07 Datasheet
217Kb / 6P
   Photo Relay
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
   Photo Relay
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com