Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC595AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HC595AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC595AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HC595AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74HC595AP/AF/AFN
2007-10-01
7
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
(Qn)
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
Output transition time
(QH’)
tTLH
tTHL
50
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(SCK-QH’)
tpLH
tpHL
50
2.0
4.5
6.0
45
15
13
125
25
21
155
31
26
ns
Propagation delay
time
(
SCLR -QH’)
tpHL
50
2.0
4.5
6.0
60
18
15
175
35
30
220
44
37
ns
50
2.0
4.5
6.0
60
20
17
150
30
26
190
38
32
Propagation delay
time
(RCK-Qn)
tpLH
tpHL
150
2.0
4.5
6.0
75
25
22
190
38
32
240
48
41
ns
50
2.0
4.5
6.0
45
15
13
135
27
23
170
34
29
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
60
20
17
175
35
30
220
44
37
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
30
15
14
150
30
26
190
38
33
ns
Maximum clock
frequency
fmax
50
2.0
4.5
6.0
6
30
35
17
50
59
5
25
28
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
184
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC595AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results

Similar Description - TC74HC595AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC7MH595FK TOSHIBA-TC7MH595FK_07 Datasheet
203Kb / 9P
   8-Bit Shift Register/Latch (3-State)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com