Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC595AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC595AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC595AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC595AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC595AP_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74HC595AP/AF/AFN
2007-10-01
6
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(SCK, RCK)
tW (H)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
( SCLR )
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(SI-SCK)
ts
2.0
4.5
6.0
50
10
9
65
13
11
ns
Minimum set-up time
(SCK-RCK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
( SCLR -RCK)
ts
2.0
4.5
6.0
100
20
17
125
25
21
ns
Minimum hold time
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum removal time
( SCLR )
trem
2.0
4.5
6.0
50
10
9
65
13
11
ns
Clock frequency
f
2.0
4.5
6.0
6
30
35
5
25
28
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
(QH’)
tTLH
tTHL
4
8
ns
Propagation delay time
(SCK-QH’)
tpLH
tpHL
12
21
ns
Propagation delay time
(
SCLR -QH’)
tpHL
15
30
ns
Maximum clock frequency
fmax
35
77
MHz


Similar Part No. - TC74HC595AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results

Similar Description - TC74HC595AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC7MH595FK TOSHIBA-TC7MH595FK_07 Datasheet
203Kb / 9P
   8-Bit Shift Register/Latch (3-State)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com