Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC377AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC377AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC377AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC377AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC377AP_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC377AP/AF
2007-10-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (H)
tW (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(D-CK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(
G -CK)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Clock frequency
f
2.0
4.5
6.0
7
36
42
6
29
34
MHz
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(CK-Q)
tpLH
tpHL
14
24
ns
Maximum clock frequency
fmax
38
73
MHz


Similar Part No. - TC74HC377AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC377AP TOSHIBA-TC74HC377AP Datasheet
292Kb / 7P
   OCTAL D TYPE FLIP FLOP
More results

Similar Description - TC74HC377AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC377P TOSHIBA-TC74AC377P Datasheet
312Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT174P TOSHIBA-TC74ACT174P Datasheet
300Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com