Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP197G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP197G
Description  Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP197G Datasheet HTML 1Page - Toshiba Semiconductor TLP197G Datasheet HTML 2Page - Toshiba Semiconductor TLP197G Datasheet HTML 3Page - Toshiba Semiconductor TLP197G Datasheet HTML 4Page - Toshiba Semiconductor TLP197G Datasheet HTML 5Page - Toshiba Semiconductor TLP197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP197G
2007-10-01
4
60
IF – Ta
Ambient temperature Ta (°C)
100
0
20
0
20
40
60
80
100
80
40
20
120
20
0
20
40
60
80
100
ION – Ta
Ambient temperature Ta (°C)
140
0
100
80
120
60
40
20
IFP – DR
Duty cycle ratio DR
5000
10
3
30
500
300
100
10
-3
3
3
3
10
-2
10
-1
10
0
3000
1000
50
Pulse width ≦ 100μs
Ta = 25°C
IF –VF
Forward voltage VF (V)
100
0.1
10
3
0.3
1
30
0.6
1.0
1.2
1.6
1.8
0.8
1.4
0.5
5
50
Ta = 25°C
ΔVF/ΔTa – IF
Forward current IF (mA)
0.4
0.1
0.3
1
3
5
10
50
2.4
1.6
1.2
0.5
0.8
2.0
2.8
30
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
1.0
1.4
2.2
2.6
3.0
300
50
10
5
1.8
500
100
30
3
Pulse width ≦ 10μs
Repetitive
frequency = 100Hz
Ta = 25°C


Similar Part No. - TLP197G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
More results

Similar Description - TLP197G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com