Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74HC74AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC74HC74AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74HC74AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC74AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC74AP,TC74HC74AF,TC74HC74AFN
Dual D-Type Flip Flop Preset and Clear
The TC74HC74A is a high speed CMOS D FLIP FLOP
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The signal level applied to the D INPUT is transferred to Q
OUTPUT during the positive going transition of the CLOCK
pulse.
CLEAR and PRESET are independent of the CLOCK and
are accomplished by setting the appropriate input to an “L” level.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 77 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS74
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC74AP
TC74HC74AF
TC74HC74AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC74AC74F_07CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT74P_07CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC109PCMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC112P_07CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT112PCMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG74FCCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG74FUCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WH74FCCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC273P_07CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT174PCMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn