Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74HC74AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC74HC74AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74HC74AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC74AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(CK-Q, Q )
tpLH
tpHL
2.0
4.5
6.0
48
16
13
150
30
26
190
38
32
ns
Propagation delay
time
( CLR , PR -Q, Q )
tpLH
tpHL
2.0
4.5
6.0
51
17
15
150
30
26
190
38
32
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
31
36
21
63
67
5
25
29
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
34
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC74AC74F_07CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT74P_07CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC109PCMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC112P_07CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT112PCMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG74FCCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG74FUCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC7WH74FCCMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74AC273P_07CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT174PCMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn