Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP750 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP750
Description  Digital Logic Ground Isolation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP750 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP750 Datasheet HTML 1Page - Toshiba Semiconductor TLP750 Datasheet HTML 2Page - Toshiba Semiconductor TLP750 Datasheet HTML 3Page - Toshiba Semiconductor TLP750 Datasheet HTML 4Page - Toshiba Semiconductor TLP750 Datasheet HTML 5Page - Toshiba Semiconductor TLP750 Datasheet HTML 6Page - Toshiba Semiconductor TLP750 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP750
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired + Photo IC
TLP750
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Analog Signal Isolation
The TOSHIBA TLP750 consists of GaAℓAs high−output light emitting
diode and a high speed detector of one chip photo diode−transistor.
This unit is 8−lead DIP.
TLP750 has no internal base connection, and is suitable for application in
noisy environmental conditions.
• Switching speed: tpHL=0.3μs(typ.)
• Switching speed: tpLH=0.5μs(typ.)(RL=1.9kΩ)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002,
Certificate No.8869
BS EN60950-1: 2002,
Certificate No.8870
• Isolation voltage: 5000Vrms(min.)
• Option(d4)type
VDE approved: DIN EN 60747-5-2,
Certificate No. 40009302
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note)
When a EN 60747-5-2 approved type is needed,
please designate the “Option(D4)”
• Creepage distance: 6.4mm(min.)
Clearance: 6.4mm(min.)
Insulation thickness: 0.4mm(min.)
Pin Configuration (top view)
1
2
8
7
6
5
3
4
1
: N.C.
2 : Anode
3
: Cathode
4
: N.C.
5
: Emitter
6
: Collector
7
: N.C.
8
: Cathode
Schematic
2
3
8
6
5
VF
IF
VCC
ICC
IO
VO
GND
TOSHIBA
11
−10C4
Weight: 0.54g
Unit in mm


Similar Part No. - TLP750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results

Similar Description - TLP750

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
   Digital Logic Isolation
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com