Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP763J Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TLP763J
Description  GaAs Ired & Photo−Triac
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP763J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP763J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP763J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP763J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP763J_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP763J_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP763J
2007-10-01
4
IF – Ta
Ambient temperature Ta (°C)
0
20
60
100
120
60
40
20
100
0
−20
40
80
80
IT (RMS) – Ta
Ambient temperature Ta (°C)
0
20
60
100
120
120
80
40
200
0
−20
40
80
160
IFP – DR
Duty cycle ratio DR
3000
10
3
300
1000
500
3
10
0
30
100
50
3
10
1
3
10
2
10
3
Pulse width ≤ 100μs
Ta = 25°C
IF – VF
Forward voltage VF (V)
100
0.1
0.6
1.8
0.3
1
0.5
1.4
1.6
1.0
1.2
0.8
3
10
5
30
50
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
3
10
5
2.2
2.6
1.4
1.8
1.0
30
100
50
300
500
Pulse width ≤ 10μs
Repetitive frequency
= 100Hz
Ta = 25°C
∆VF / ∆Ta – IF
Forward current IF (mA)
−3.2
−0.4
0.1
−2.8
−2.4
30 50
−2.0
−1.6
−1.2
−0.8
3
5
10
0.3 0.5
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn