Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM30RSF060 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM30RSF060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM30RSF060 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM30RSF060 Datasheet HTML 1Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 2Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 3Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 4Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 5Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 6Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 7Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PM30RSF060
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
30 Amperes/600 Volts
526
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM30RSF060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
17
in-lb
Module Weight (Typical)
80
Grams
Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part, Tj = 125°C)
VCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VRMS
2500
Volts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)VD
20
Volts
Input Voltage Applied between (UP, VP, WP, UN, VN, WN, Br)VCIN
20
Volts
Fault Output Supply Voltage
VFO
20
Volts
Fault Output Current
IFO
20
mA
IGBT Inverter Sector
Collector-Emitter Voltage ( VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current,
±
IC
30
Amperes
Peak Collector Current,
±
ICP
60
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation
PC
83
Watts
Brake Sector
Collector-Emitter Voltage
VCES
600
Volts
Collector Current,
±
IC
10
Amperes
Peak Collector Current,
±
ICP
20
Amperes
Supply Voltage (Applied between P - N)
VCC
450
Volts
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Collector Dissipation
PC
39
Watts
Diode Forward Current
IF
10
Amperes
Diode DC Reverse Voltage
VR(DC)
600
Volts


Similar Part No. - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM30RSF060 MITSUBISHI-PM30RSF060 Datasheet
79Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM50RSA060 POWEREX-PM50RSA060 Datasheet
104Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM50RSK060 POWEREX-PM50RSK060 Datasheet
134Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM150RSD060 POWEREX-PM150RSD060 Datasheet
93Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com