Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM30RSF060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM30RSF060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM30RSF060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM30RSF060 Datasheet HTML 1Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 2Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 3Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 4Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 5Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 6Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 7Page - Powerex Power Semiconductors PM30RSF060 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase + Brake
IGBT Inverter Output
30 Amperes/600 Volts
PM30RSF060
525
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM30RSF060 is a 600V,
30 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
30
60
Dimensions
Inches
Millimeters
A
3.86
±0.04
98.0
±1.0
B
3.42
±0.02
87.0
±0.5
C
2.99
76.0
D
2.400
±0.03
60.96
±0.8
E
2.250
±0.03
57.15
±0.8
F
2.20
±0.04
56.0
±1.0
G
1.77
±0.03
45.0
±0.8
H
1.14
29.0
J
0.83
21.0
K
0.69
17.5
L
0.63
±0.04
16.0
±1.0
M
0.588
14.925
Dimensions
Inches
Millimeters
N
0.512
13.02
P
0.450
±0.012
11.43
±0.3
Q
0.31
±0.02
8.0
±0.5
R
0.300
7.62
S
0.24 Rad.
Rad. 6.0
T
0.22 Dia.
Dia. 5.5
U
0.16
4.0
V
0.14
3.5
W
0.12
±0.02
3.0
±0.5
X
0.100
±0.012
2.54
±0.3
Y
0.04
1.0
Outline Drawing and Circuit Diagram
K
K
U
W
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
17.
U
V
V
W
W
WPC
UPI
VPI
WPI
NC
NI
N
P
P
N
N
18.
19.
20.
W
V
U
N
UPC
FO
P
V VPC
T C
T B
GND
P
U
V
W
N
B
21.
22.
23.
24.
25.
B
BR
WFO
U P
U
V FO
FO
N
R
R
R
A
D
F
H
J
M
E
C
B
Y
G
12
20
21
22
23
25
34
567 8
24
9
10
11
12
13
14
15
16
17
18
19
X (15 TYP.)
PPPPP
S
T - DIA.
(2 TYP.)
Q
L
V
2.0 X 0.5 MM PIN
(6 TYP.)
0.8 X 0.4 MM PIN
(19 TYP.)


Similar Part No. - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM30RSF060 MITSUBISHI-PM30RSF060 Datasheet
79Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM200RSD060 POWEREX-PM200RSD060 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM50RSA060 POWEREX-PM50RSA060 Datasheet
104Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM50RSK060 POWEREX-PM50RSK060 Datasheet
134Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
PM150RSD060 POWEREX-PM150RSD060 Datasheet
93Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com